Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPLS350E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPLS350E
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPLS350E Datasheet(HTML) 2 Page - Diodes Incorporated

  DPLS350E Datasheet HTML 1Page - Diodes Incorporated DPLS350E Datasheet HTML 2Page - Diodes Incorporated DPLS350E Datasheet HTML 3Page - Diodes Incorporated DPLS350E Datasheet HTML 4Page - Diodes Incorporated DPLS350E Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DPLS350E
Document number: DS31230 Rev. 4 - 2
2 of 5
www.diodes.com
April 2009
© Diodes Incorporated
DPLS350E
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Cutoff Current
ICBO
-100
nA
VCB = -50V, IE = 0
-50
μA
VCB = -50V, IE = 0, TA = 150°C
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = -5V, IC = 0
Collector-Base Breakdown Voltage
V(BR)CBO
-50
V
IC = -100μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE = -100μA
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
200
VCE = -2V, IC = -0.5A
200
VCE = -2V, IC = -1A
100
VCE = -2V, IC = -2A
Collector-Emitter Saturation Voltage
VCE(SAT)
-100
mV
IC = -0.5A, IB = -50mA
-180
IC = -1A, IB = -50mA
-300
IC = -2A, IB = -200mA
Equivalent On-Resistance
RCE(SAT)
67
150
m
Ω IE = -2A, IB = -200mA
Base-Emitter Saturation Voltage
VBE(SAT)
-1.2
V
IC = -2A, IB = -200mA
Base-Emitter Turn-on Voltage
VBE(ON)
-1.1
V
VCE = -2V, IC = -1A
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
100
MHz
VCE = -5V, IC = -100mA,
f = 100MHz
Output Capacitance
Cobo
40
pF
VCB = -10V, f = 1MHz
Notes:
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3)
A
01
2
3
4
5
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current vs.Collector-Emitter Voltage
I = -2mA
B
I = -4mA
B
I = -6mA
B
I = -8mA
B
I = -10mA
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com