Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN32D2LDF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN32D2LDF
Description  COMMON SOURCE DUAL N-CHANNEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN32D2LDF Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN32D2LDF Datasheet HTML 1Page - Diodes Incorporated DMN32D2LDF Datasheet HTML 2Page - Diodes Incorporated DMN32D2LDF Datasheet HTML 3Page - Diodes Incorporated DMN32D2LDF Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMN32D2LDF
0.6
0.8
1
1.2
1.4
1.6
1.8
-75
-50 -25
0
25
50
75
100 125 150
T , AMBIENT TEMPERATURE (C°)
A
Fig. 7 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= 4V
I = 100mA
GS
D
V
= 2.5V
I = 20mA
GS
D
V
= 1.8V
I = 20mA
GS
D
0
10
20
30
40
50
0
5
10
15
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 10 Typical Capacitance
C
iss
Coss
Crss
f = 1 MHz
Ordering Information (Note 5)
Part Number
Case
Packaging
DMN32D2LDF-7
SOT-353
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information (Note 6)
KDV
S
D
2
G
1
D
1
G
2
KDV = Product Type Marking Code (See Note 6)
YM = Date Code Marking
Y = Year ex: U = 2007
M = Month ex: 9 = September
Notes:
6. Package is non-polarized. Parts may be on reel in orientation illustrated, 180° rotated, or mixed (both ways).
Date Code Key
Year
2007
2008
2009
2010
2011
2012
Code
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
DMN32D2LDF
Document number: DS31238 Rev. 3 - 2
3 of 4
www.diodes.com
January 2008
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com