Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1663 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1663
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1663 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1663 Datasheet HTML 1Page - Sanyo Semicon Device LB1663 Datasheet HTML 2Page - Sanyo Semicon Device LB1663 Datasheet HTML 3Page - Sanyo Semicon Device LB1663 Datasheet HTML 4Page - Sanyo Semicon Device LB1663 Datasheet HTML 5Page - Sanyo Semicon Device LB1663 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1 When a fan is rotating, the capacitor is charged at 3 µA (typ) and discharged through the C with pulses according to the
rotational speed.
2 When a fan is locked, no discharge occurs through the C and the C voltage rises, turning OFF the output at 0.8 × V
IN.
3 When the output is turned OFF, discharge occurs through the C at 0.44 µA (typ). If the lock is not released when the C voltage
drops to VTH2, the capacitor is charged to VTH1 again. (At this moment, the output is turned ON.)
These operations 2, 3 repeated on a cycle of approximately t on : t off=1:6 protect a motor.
4 If the lock is released when the C voltage drops to V
TH2, the output is turned ON, starting rotation.
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like,
the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation
and all damages, cost and expenses associated with such use:
2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or
implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of November, 1997. Specifications and information herein are subject to change without notice.
Rotation
Output on
Output off
Output
on
Output off
Rotation
Lock
Lock release
Automatic return circuit C pin voltage
LB1663, 1663M, 1666
No. 2552- 6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com