Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3010LSS-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3010LSS-13
Description  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3010LSS-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3010LSS-13 Datasheet HTML 1Page - Diodes Incorporated DMN3010LSS-13 Datasheet HTML 2Page - Diodes Incorporated DMN3010LSS-13 Datasheet HTML 3Page - Diodes Incorporated DMN3010LSS-13 Datasheet HTML 4Page - Diodes Incorporated DMN3010LSS-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMN3010LSS
Document number: DS31259 Rev. 6 - 2
3 of 5
www.diodes.com
November 2008
© Diodes Incorporated
DMN3010LSS
Fig. 3 Drain-Source On-Resistance vs. Drain Current
6
8
10
12
14
16
18
20
02
4
6
8
10
12
14
16
18
20
I , DRAIN CURRENT (A)
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 4 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
V
= 4.5V
I = 10A
GS
D
V
= 10V
I = 16A
GS
D
Fig. 5 Typical Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
10,000
0
5
10
15
20
25
30
C
iss
C
oss
Crss
Fig. 6 Gate Threshold Variation vs. Ambient Temperature
T , AMBIENT TEMPERATURE (°C)
A
-50
-25
0
25
50
75
100
125 150
1
1.3
1.6
1.9
2.2
2.5
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Diode Forward Voltage vs. Current
0.0001
0.001
0.01
0.1
1
10
100
0
0.1 0.2
0.3 0.4 0.5
0.6 0.7 0.8 0.9
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com