Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3018LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMC3018LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3018LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMC3018LSD Datasheet HTML 1Page - Diodes Incorporated DMC3018LSD Datasheet HTML 2Page - Diodes Incorporated DMC3018LSD Datasheet HTML 3Page - Diodes Incorporated DMC3018LSD Datasheet HTML 4Page - Diodes Incorporated DMC3018LSD Datasheet HTML 5Page - Diodes Incorporated DMC3018LSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMC3018LSD
N-CHANNEL (continued)
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Reverse Drain Current vs. Source-Drain Voltage
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
P-CHANNEL
DMC3018LSD
Document number: DS31310 Rev. 7 - 2
4 of 6
www.diodes.com
October 2008
© Diodes Incorporated
Fig. 8 Typical Output Characteristics
0
1
2
3
4
5
6
7
8
9
10
11
12
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= -10V
GS
V
= -4.5V
GS
V
= -3.0V
GS
V
= -2.5V
GS
V
= -1.5V
GS
V
= -1.0V
GS
Fig. 9 Typical Transfer Characteristics
0
1
2
3
4
5
6
7
8
9
10
-V
, GATE SOURCE VOLTAGE (V)
GS
1
1.5
2
2.5
3
3.5
4
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
Pulsed
DS
0.01
0.1
0.1
1
10
-I , DRAIN-SOURCE CURRENT (A)
D
Fig 10 On-Resistance vs. Drain Current & Gate Voltage
V
= -10V
GS
V
= -4.5V
GS
0
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 11 Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= -10V
I = -6.9A
GS
D
V
= -4.5V
I = -5A
GS
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com