Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3900 Datasheet(PDF) 1 Page - ebm-papst

Part # 3900
Description  TUBEAXIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3900 Datasheet(HTML) 1 Page - ebm-papst

  3900 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC axial compact fan
3900 L
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Straße 1
D-78112 St. Georgen
Phone +49 7724 81-0
Fax +49 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
3900 L
Phase
1~
Nominal voltage
VAC
115
Frequency
Hz
60
Speed
min-1
1850
Power input
W
5.0
Min. ambient temperature
°C
-10
Max. ambient temperature
°C
80
Air flow
m3/h
39
Sound power level
B
4.0
Sound pressure level
dB(A)
27
ml = max. load · me = max. efficiency · fa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Web data sheet XI · Page 1 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 3900

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3900 3M-3900 Datasheet
37Kb / 3P
100 x 100, PCB Two Row
19-Feb-1999
logo
ebm-papst
3900 EBMPAPST-3900 Datasheet
292Kb / 4P
AC axial compact fan
logo
Pentair plc. All rights...
3900 PENTAIR-3900 Datasheet
3Mb / 40P
A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
Adafruit Industries
3900 ADAFRUIT-3900 Datasheet
966Kb / 3P
Adafruit HalloWing M0 Express
logo
Molex Electronics Ltd.
3900-4500 MOLEX-3900-4500 Datasheet
346Kb / 5P
Fine Adjust Applicator for Micro-Fit 3.0 Crimp Terminals
07-06-17
More results

Similar Description - 3900

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
AC6200NM EBMPAPST-AC6200NM Datasheet
128Kb / 1P
Tubeaxial
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com