Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3035LSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC3035LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3035LSD Datasheet(HTML) 6 Page - Diodes Incorporated

  DMC3035LSD Datasheet HTML 1Page - Diodes Incorporated DMC3035LSD Datasheet HTML 2Page - Diodes Incorporated DMC3035LSD Datasheet HTML 3Page - Diodes Incorporated DMC3035LSD Datasheet HTML 4Page - Diodes Incorporated DMC3035LSD Datasheet HTML 5Page - Diodes Incorporated DMC3035LSD Datasheet HTML 6Page - Diodes Incorporated DMC3035LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMC3035LSD
P-CHANNEL (continued)
0.8
1.2
1.6
2.0
2.4
Fig. 16 Gate Threshold Variation vs. Ambient Temperature
T , AMBIENT TEMPERATURE (°C)
A
-50
-25
0
25
50
75
100
125 150
I = -250µA
D
0
2
4
6
8
10
0.4
0.6
0.8
1
1.2
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 17 Diode Forward Voltage vs. Current
T = 25°C
A
Ordering Information (Note 6)
Part Number
Case
Packaging
DMC3035LSD-13
SOP-8L
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
( Top View )
Logo
Part no.
Year : "07" =2007
"08" =2008
Xth week: 01~52
1
4
8
5
C3035LD
YY WW
Package Outline Dimensions
DMC3035LSD
Document number: DS31312 Rev. 3 - 2
6 of 7
www.diodes.com
October 2008
© Diodes Incorporated
SOP-8L
Dim
Min
Max
A
-
1.75
A1
0.08
0.25
A2
1.30
1.50
A3
0.20 Typ
b
0.3
0.5
D
4.80
5.30
E
5.79
6.20
E1
3.70
4.10
e
1.27 Typ
h
-
0.35
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com