Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNLS412E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DNLS412E
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNLS412E Datasheet(HTML) 2 Page - Diodes Incorporated

  DNLS412E Datasheet HTML 1Page - Diodes Incorporated DNLS412E Datasheet HTML 2Page - Diodes Incorporated DNLS412E Datasheet HTML 3Page - Diodes Incorporated DNLS412E Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Off Characteristics
Collector-Base Breakdown Voltage
V(BR)CBO
12
⎯
⎯
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
12
⎯
⎯
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
⎯
⎯
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICBO
⎯
⎯
100
nA
VCB = 10V, IE = 0
Emitter Cutoff Current
IEBO
⎯
⎯
100
nA
VEB = 4V, IC = 0
On Characteristics (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
⎯
⎯
⎯
0.02
0.03
0.06
0.20
0.23
0.04
0.06
0.18
0.35
0.40
V
IC = 0.1A, IB = 1mA
IC = 0.1A, IB = 0.5mA
IC = 1A, IB = 50mA
IC = 3A, IB = 20mA
IC = 4A, IB = 50mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
⎯
1.1
V
IC = 3A, IB = 20mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
⎯
1.0
V
VCE = 2V, IC = 3A
DC Current Gain
hFE
500
400
100
⎯
⎯
⎯
⎯
⎯
⎯
⎯
VCE = 2V, IC = 0.1A
VCE = 2V, IC = 3A
VCE = 2V, IC = 10A
AC Characteristics
Transition Frequency
fT
150
⎯
⎯
MHz
VCE = 5V, IC = 50mA, f = 50MHz
Input Capacitance
Cibo
⎯
240
⎯
pF
VEB = 0.5V, f = 1MHz
Output Capacitance
Cobo
⎯
35
⎯
pF
VCB = 10V, f = 1MHz
Switching Times
ton
toff
⎯
⎯
40
500
⎯
⎯
ns
ns
VCC = 10V, IC = 500mA
IB1 = -IB2 = 50mA
Notes:
4. Pulse Test: Pulse width
≤300μs. Duty cycle ≤2.0%.
0
0.2
0.4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Max Power Dissipation vs. Ambient Temperature
A
0.6
0.8
1.0
0
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current vs. Collector-Emitter Voltage
0
1
234
5
0
0.5
1.0
1.5
2.0
I = 1mA
B
I = 2mA
B
I = 3mA
B
2.5
I = 4mA
B
I = 5mA
B
3.0
3.5
4.0
DS31324 Rev. 3 - 2
2 of 4
www.diodes.com
DNLS412E
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com