Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPLS315E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPLS315E
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPLS315E Datasheet(HTML) 2 Page - Diodes Incorporated

  DPLS315E Datasheet HTML 1Page - Diodes Incorporated DPLS315E Datasheet HTML 2Page - Diodes Incorporated DPLS315E Datasheet HTML 3Page - Diodes Incorporated DPLS315E Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-15
⎯
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-15
⎯
⎯
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
⎯
⎯
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICBO
⎯
⎯
-0.1
μA
VCB = -10V, IE = 0
Emitter Cutoff Current
IEBO
⎯
⎯
-0.1
μA
VEB = -4V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.08
-0.12
-0.22
-0.21
-0.15
-0.25
-0.45
-0.5
V
IC = -0.5A, IB = -2.5mA
IC = -1A, IB = -5mA
IC = -2A, IB = -10mA
IC = -3A, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
⎯
-0.9
V
IC = -1A, IB = -5mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
-0.75
⎯
V
VCE = -2V, IC = -1A
DC Current Gain
hFE
500
400
300
150
⎯
⎯
⎯
⎯
1500
⎯
⎯
⎯
⎯
VCE = -2V, IC = -10mA
VCE = -2V, IC = -1A
VCE = -2V, IC = -2A
VCE = -2V, IC = -6A
AC CHARACTERISTICS
Transition Frequency
fT
100
⎯
⎯
MHz
VCE = -5V, IC = -50mA,
f = 50MHz
Input Capacitance
Cibo
⎯
245
⎯
MHz
VEB = -0.5V, f = 1MHz
Output Capacitance
Cobo
⎯
45
⎯
pF
VCB = -10V, f = 1MHz
Switching Times
ton
toff
⎯
⎯
35
200
⎯
⎯
ns
ns
VCC = -10V, IC = -500mA,
IB1 = -IB2 = -50mA
Notes:
4. Pulse Test: Pulse width
≤300μs. Duty cycle ≤2.0%.
0
0.2
0.4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Max Power Dissipation vs. Ambient Temperature
A
0.6
0.8
1.0
0
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current vs. Collector-Emitter Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
01
2
3
4
5
I = -1mA
B
I = -2mA
B
I = -3mA
B
I = -4mA
B
I = -5mA
B
DS31325 Rev. 3 - 2
2 of 4
www.diodes.com
DPLS315E
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com