Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP3035LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3035LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3035LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3035LSS Datasheet HTML 1Page - Diodes Incorporated DMP3035LSS Datasheet HTML 2Page - Diodes Incorporated DMP3035LSS Datasheet HTML 3Page - Diodes Incorporated DMP3035LSS Datasheet HTML 4Page - Diodes Incorporated DMP3035LSS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP3035LSS
Document number: DS31443 Rev. 6 - 2
2 of 5
www.diodes.com
August 2009
© Diodes Incorporated
DMP3035LSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
⎯
⎯
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
⎯
⎯
±100
±800
nA
VGS = ±20V, VDS = 0V
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1
⎯
-2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
11
15
27
14
18
36
m
Ω
VGS = -20V, ID = -11A
VGS = -10V, ID = -8A
VGS = -4.5V, ID = -5A
Forward Transconductance
gfs
⎯
12
⎯
S
VDS = -10V, ID = -12A
Diode Forward Voltage (Note 5)
VSD
-0.5
⎯
-1.1
V
VGS = 0V, IS = -2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
1655
⎯
pF
VDS = -20V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
286
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
240
⎯
pF
Gate Resistance
RG
⎯
2.3
⎯
Ω
VGS = 0V, VDS = 0V, f = MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
⎯
15.3
30.7
⎯
nC
VDS = -15V, VGS = -4.5V, ID = -8A
VDS = -15V, VGS = -10V, ID = -8A
Gate-Source Charge
Qgs
⎯
3.5
⎯
VDS = -15V, VGS = -10V, ID = -8A
Gate-Drain Charge
Qgd
⎯
7.9
⎯
VDS = -15V, VGS = -10V, ID = -8A
Turn-On Delay Time
td(on)
⎯
5.1
⎯
ns
VGS = -10V, VDS = -15V,
RD = 15Ω, RG = 6Ω
Rise Time
tr
⎯
8
⎯
Turn-Off Delay Time
td(off)
⎯
46
⎯
Fall Time
tf
⎯
30
⎯
Notes:
5. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Typical Output Characteristic
0
4
8
12
16
20
0
123
4
5
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= -1.5V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -4.0V
GS
V
= -10V
GS
Fig. 2 Typical Transfer Characteristic
0
4
8
12
16
20
1
1.5
2
2.5
3
3.5
-V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com