Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3112S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3112S
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3112S Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3112S Datasheet HTML 1Page - Diodes Incorporated DMN3112S Datasheet HTML 2Page - Diodes Incorporated DMN3112S Datasheet HTML 3Page - Diodes Incorporated DMN3112S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMN3112S
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.0V
GS
V
= 4.5V
GS
V
= 10V
GS
Fig. 2 Typical Transfer Characteristic
0
2
4
6
8
10
12
3
4
V
, GATE-SOURCE VOLTAGE (V)
GS
5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.01
0.1
1
04
8
12
16
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
20
V
= 4.5V
GS
V
= 10V
GS
0
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
02
4
6
8
I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
10
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
Fig. 5 On-Resistance Variation with Temperature
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 4.5V
I = 5A
GS
D
V
= 10V
I = 10A
GS
D
Fig. 6 On-Resistance Variation with Temperature
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 4.5V
I = 5A
GS
D
V
= 10V
I = 10A
GS
D
DMN3112S
Document number: DS31445 Rev. 2 - 2
2 of 4
www.diodes.com
July 2008
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com