Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2066LSN Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2066LSN
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2066LSN Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2066LSN Datasheet HTML 1Page - Diodes Incorporated DMP2066LSN Datasheet HTML 2Page - Diodes Incorporated DMP2066LSN Datasheet HTML 3Page - Diodes Incorporated DMP2066LSN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMP2066LSN
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
STATIC PARAMETERS
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
ID = -250μA, VGS = 0V
IDSS
⎯
⎯
-1
μA
VDS = -20V, VGS = 0V
Zero Gate Voltage Drain Current
TJ = 25°C
Gate-Body Leakage Current
IGSS
⎯
⎯
±100
nA
VDS = 0V, VGS = ±12V
Gate Threshold Voltage
VGS(th)
-0.6
-0.96
-1.2
V
VDS = VGS, ID = -250μA
On State Drain Current (Note 5)
ID (ON)
-15
⎯
⎯
A
VGS = -4.5V, VDS = -5V
RDS (ON)
⎯
29
55
40
70
m
Ω
VGS = -4.5V, ID = -4.6A
VGS = -2.5V, ID = -3.8A
Static Drain-Source On-Resistance (Note 5)
Forward Transconductance (Note 5)
gFS
⎯
9
⎯
S
VDS = -10V, ID = -4.5A
Diode Forward Voltage (Note 5)
VSD
-0.5
-0.72
-1.4
V
IS = -2.1A, VGS = 0V
Maximum Body-Diode Continuous Current (Note 1)
IS
⎯
⎯
1.7
A
⎯
DYNAMIC PARAMETERS (Note 6)
Input Capacitance
Ciss
⎯
820
⎯
pF
DMP2066LSN
Document number: DS31467 Rev. 3 - 2
2 of 4
www.diodes.com
August 2008
© Diodes Incorporated
Output Capacitance
Coss
⎯
200
⎯
pF
Crss
⎯
160
⎯
pF
VDS = -15V, VGS = 0V
f = 1.0MHz
Reverse Transfer Capacitance
RG
⎯
2.5
⎯
Ω
VDS = 0V, VGS = 0V
f = 1.0MHz
Gate Resistance
SWITCHING CHARACTERISTICS
Total Gate Charge
QG
⎯
10.1
⎯
Gate-Source Charge
QGS
⎯
1.5
⎯
QGD
⎯
4.3
⎯
nC
VDS = -10V, VGS = -4.5V,
ID = -4.5A
Gate-Drain Charge
Turn-On Delay Time
td(on)
⎯
4.4
⎯
Rise Time
tr
⎯
9.9
⎯
Turn-Off Delay Time
td(off)
⎯
28.0
⎯
tf
⎯
23.4
⎯
ns
VDS = -10V, VGS = -4.5V,
ID = -1A, RG = 6.0Ω
Fall Time
Notes:
5. Test pulse width t = 300
μs.
6. Guaranteed by design. Not subject to production testing.
0
6
12
18
24
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 1.5V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 10V
GS
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
3.5
4
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5.0V
DS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com