Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP3015LSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3015LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3015LSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3015LSS Datasheet HTML 1Page - Diodes Incorporated DMP3015LSS Datasheet HTML 2Page - Diodes Incorporated DMP3015LSS Datasheet HTML 3Page - Diodes Incorporated DMP3015LSS Datasheet HTML 4Page - Diodes Incorporated DMP3015LSS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMP3015LSS
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) * R
R
= 91°C/W
θθ
θ
JA
JA
JA
P(pk)
t
1
t2
D = Single Pulse
D = 0.005
D = 0.02
D = 0.01
D = 0.05
D = 0.1
D = 0.5
D = 0.3
D = 0.9
T = 85 C
A
°
D = 0.7
Ordering Information (Note 6)
Part Number
Case
Packaging
DMP3015LSS-13
SOP-8L
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Logo
Part no.
Year "08" =2008
Xth week: 01~52
1
4
8
5
P3015LS
YY WW
Package Outline Dimensions
SOP-8L
Dim
Min
Max
A
⎯
1.75
A1
0.08
0.25
A2
1.30
1.50
A3
0.20 Typ.
b
0.3
0.5
D
4.80
5.30
E
5.79
6.20
E1
3.70
4.10
e
1.27 Typ.
h
⎯
0.35
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
GAUGE PLANE
SEATING PLANE
DETAIL A
DETAIL A
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
DMP3015LSS
Document number: DS31472 Rev. 4 - 2
4 of 5
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com