Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21WS Datasheet(PDF) 1 Page - Diotech Company.

Part # BAV21WS
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

BAV21WS Datasheet(HTML) 1 Page - Diotech Company.

  BAV21WS Datasheet HTML 1Page - Diotech Company. BAV21WS Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV19WS THRU BAV21WS
SURFACE MOUNT FAST SWITCHING DIODE
Features
●
High Conductance
●
Fast Switching Speed
A
●
Surface Mount Package Ideally Suited for
Automatic Insertion
●
For General Purpose Switching Application
C
●
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
E
Mechanical Data
●
Case: SOD-323, Molded Plastic
●
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
●
Polarity: Cathode Band
●
Weight: 0.004 grams (approx.)
Maximum Ratings @T
A=25°C unless otherwise specified
Electrical Characteristics @T
A=25°C unless otherwise specified
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
—
All Dimensions in mm
G
H
ti
n
U
S
W
1
2
V
A
B
S
W
0
2
V
A
B
S
W
9
1
V
A
B
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
it
it
e
p
e
R
-
n
o
N
RM
120
200
250
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
V
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
S
M
R
R(RMS)
70
105
140
V
I
)
1
e
t
o
N
(
t
n
e
rr
u
C
s
u
o
u
n
it
n
o
C
d
r
a
w
r
o
F
F
A
m
0
0
4
I
)
1
e
t
o
N
(
t
n
e
rr
u
C
t
u
p
t
u
O
d
e
if
it
c
e
R
e
g
a
r
e
v
A
O
A
m
0
0
2
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
2.5
0.5
A
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
d
W
m
0
0
2
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
R JA
W
/
K
5
2
6
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
it
a
r
e
p
O
j
, TSTG
-65 to +150
°C
ti
n
U
S
W
1
2
V
A
B
S
W
0
2
V
A
B
S
W
9
1
V
A
B
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
Forward Voltage Drop
@ IF = 100mA
VFM
V
0
.
1
Peak Reverse Leakage Current @ Rated DC Blocking Voltage
IRM
A
n
0
0
1
Typical Junction Capacitance (VR = 0V DC, f = 1.0MHz)
Cj
F
p
0
.
5
t
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
rr
S
n
0
5
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Measured with IF = IR = 30mA, IRR = 0.1 x IR, RL = 100 .


Similar Part No. - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV21WS DIODES-BAV21WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV21WS GE-BAV21WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV21WS DIOTEC-BAV21WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV21WS DIODES-BAV21WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com