Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL4002 Datasheet(PDF) 1 Page - Diotech Company.

Part # DL4002
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

DL4002 Datasheet(HTML) 1 Page - Diotech Company.

  DL4002 Datasheet HTML 1Page - Diotech Company. DL4002 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL4001 THRU DL4007
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Ideal for surface mounted applications
Low leakage current
Glass passivated junction
Case: Molded plastic
EPOXY: UL 94V-0 rate flame retardant
Teminals : Solder plated solderable per
MIL-STD-202E, Method 208 guaranteed
Mounting Position: Any
Weight : 0.12 grams
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
LL- 41 (MELF)
●
●
●
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TA = 75oC
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
A
1.0
30
-55 to + 150
pF
0
C
UNITS
V
V
Maximum Thermal Resistance (Note 2)
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
20
V
A
15
0
C/ W
RθJL
VF
IR
1.1
50
Maximum Forward Voltage at 1.0A DC
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 25oC
@TA = 125
oC
5.0
NOTES : 1. Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
2. Thermal resistance (Junction to Ambient),.24in (6.0mm )coppeer pads to each terminal.
2
2
Characteristic
DL4001 DL4002 DL4003 DL4004 DL4005 DL4006 DL4007
µA


Similar Part No. - DL4002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4002 DIODES-DL4002 Datasheet
57Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16001 Rev. D-2
logo
Micro Commercial Compon...
DL4002 MCC-DL4002 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Diotech Company.
DL4002 DIOTECH-DL4002 Datasheet
947Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
DL4002 MCC-DL4002 Datasheet
240Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
DL4002 LUGUANG-DL4002 Datasheet
181Kb / 2P
1.0Ampere Rectifiers Glass Passivated
More results

Similar Description - DL4002

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
Surface Mount General Rectifier
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3A CHENDA-S3A Datasheet
551Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1A CHENDA-GS1A_V01 Datasheet
752Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S1A CHENDA-S1A_V01 Datasheet
599Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
GS1AG SKTECHNOLGY-GS1AG Datasheet
603Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com