Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN0150ALP4 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DN0150ALP4
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DN0150ALP4 Datasheet(HTML) 3 Page - Diodes Incorporated

  DN0150ALP4 Datasheet HTML 1Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 2Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 3Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DN0150ALP4 / DN0150BLP4
Document number: DS31492 Rev. 3 - 2
3 of 4
www.diodes.com
July 2009
© Diodes Incorporated
DN0150ALP4 / DN0150BLP4
0
1
10
100
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
Cibo
C
obo
f = 1MHz
0
40
80
120
160
200
240
280
320
02
4
6
8
10
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product
vs. Collector Current
V
= 6V
f = 30MHz
CE
Ordering Information (Note 5)
Device
Packaging
Shipping
DN0150ALP4-7
DFN1006H4-3
3000/Tape & Reel
DN0150BLP4-7
DFN1006H4-3
3000/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
DFN1006H4-3
Dim
Min
Max
Typ
A
⎯
0.40
⎯
A1
0
0.05
0.02
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
⎯
⎯
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
⎯
⎯
0.40
All Dimensions in mm
xx= Product Type Marking Code:
T3 = DN0150ALP4
T4 = DN0150BLP4
Dot Denotes Collector Side
xx
DFN1006H4-3 Taping orientation
Direction of feed
L2
A1
E
b2
L1
L3
D
e
b1
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com