Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP0150ALP4 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DP0150ALP4
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DP0150ALP4 Datasheet(HTML) 3 Page - Diodes Incorporated

  DP0150ALP4 Datasheet HTML 1Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 2Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 3Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DP0150ALP4 / DP0150BLP4
Document number: DS31493 Rev. 3 - 2
3 of 4
www.diodes.com
July 2009
© Diodes Incorporated
DP0150ALP4 / DP0150BLP4
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
0
1
10
100
Cibo
C
obo
f = 1MHz
0
50
100
150
200
250
02
4
6
8
10
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product
vs. Collector Current
V
= -6V
f = 30MHz
CE
Ordering Information (Note 5)
Part Number
Case
Packaging
DP0150ALP4-7
DFN1006H4-3
3000/Tape & Reel
DP0150BLP4-7
DFN1006H4-3
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
DFN1006H4-3
Dim
Min
Max
Typ
A
0.95
1.075
1.00
B
0.55
0.675
0.60
C
0.45
0.55
0.50
D
0.20
0.30
0.25
G
⎯
0.40
⎯
H
0
0.05
0.02
K
0.10
0.20
0.15
L
0.20
0.30
0.25
M
⎯
⎯
0.35
N
⎯
⎯
0.40
All Dimensions in mm
xx = Product Type Marking Code:
T5 = DP0150ALP4
T6 = DP0150BLP4
xx
DFN1006H4-3 Taping orientation
Direction of feed
D
H
B C
L
N
A
M
K
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com