Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150CTP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR20150CTP
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR20150CTP Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR20150CTP Datasheet HTML 1Page - Diodes Incorporated MBR20150CTP Datasheet HTML 2Page - Diodes Incorporated MBR20150CTP Datasheet HTML 3Page - Diodes Incorporated MBR20150CTP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR20150
Document number: DS31498 Rev. 8 - 2
2 of 4
www.diodes.com
December 2010
© Diodes Incorporated
MBR20150CTP
Maximum Ratings (Per Leg) @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
150
V
Average Rectified Output Current
(Per Leg)
(Total)
IO
10
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
105
A
Isolation Voltage
From Terminal Heatsink t = 1 min.
VAC
2000
V
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Case
RθJC
3
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics (Per Leg) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
0.9
V
IF = 10A, TJ = 25ºC
Leakage Current (Note 2)
IR
-
-
0.1
20
mA
VR = 150V, TJ = 25ºC
VR = 150V, TJ = 125ºC
Notes:
2. Short duration pulse test used to minimize self-heating effect.
0.0001
0.001
0.01
0.1
1
10
100
Fig. 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0
200
400
600
800
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.01
0.1
1
10
100
1,000
10,000
0
306090
120
150
Fig. 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com