Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF32 Datasheet(PDF) 1 Page - Diotech Company.

Part # SF32
Description  SUPER FAST RECOVERY SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SF32 Datasheet(HTML) 1 Page - Diotech Company.

  SF32 Datasheet HTML 1Page - Diotech Company. SF32 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF31 THRU SF38
SUPER FAST RECOVERY SILICON RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 3.0 Ampere
Characteristic
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.04 ounce, 1.10 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Super fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
125
1.25
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
10.0
50.0
CJ
TJ,TSTG
30.0
100.0
-65 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
35
ns
DO-201AD
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
150
105
150
200
140
200
300
210
300
400
280
400
600
420
600
SF31 SF32 SF33 SF34 SF35
SF36 SF38
0.95
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
0.220(5.6)
0.197(5.0)
DIA.
0.052(1.3)
0.048(1.2)
DIA.
1.0 (25.4)
MIN.
0.375(9.5)
0.285(7.2)
1.0 (25.4)
MIN.
50.0
R JA
µA
●
●
●
●
●
1.7


Similar Part No. - SF32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF32 MOSPEC-SF32 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
SF32 WTE-SF32 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF32 ZOWIE-SF32 Datasheet
50Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF32 RECTRON-SF32 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
SF32 JGD-SF32 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF32

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF51 DIOTECH-SF51 Datasheet
659Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MUR440 DIOTECH-MUR440 Datasheet
905Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF805 DIOTECH-MURF805 Datasheet
718Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF1005 DIOTECH-MURF1005 Datasheet
656Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005 DIOTECH-MURF2005 Datasheet
1,004Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF3005PT DIOTECH-MURF3005PT Datasheet
783Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF52 DIOTECH-SF52 Datasheet
680Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005CT DIOTECH-MURF2005CT Datasheet
1Mb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF51-DO27 YFWDIODE-SF51-DO27 Datasheet
356Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com