Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3112SSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3112SSS
Description  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3112SSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3112SSS Datasheet HTML 1Page - Diodes Incorporated DMN3112SSS Datasheet HTML 2Page - Diodes Incorporated DMN3112SSS Datasheet HTML 3Page - Diodes Incorporated DMN3112SSS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMN3112SSS
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
0
0.4
0.8
1.2
1.6
2.0
2.4
I = 250µA
D
I = 1mA
D
0
2
4
6
8
10
Fig. 8 Diode Forward Voltage vs. Current
0
0.2
0.4
0.6
0.8
1
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
T = 25°C
A
Fig. 9 Typical Total Capacitance
10
100
1,000
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
C
oss
C
rss
Fig. 10 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) * R
R
= 168°C/W
θθ
θ
JA
JA
JA
P(pk)
t
1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
DMN3112SSS
Document number: DS31582 Rev. 1 - 2
3 of 4
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com