Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3052LSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3052LSS
Description  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3052LSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3052LSS Datasheet HTML 1Page - Diodes Incorporated DMN3052LSS Datasheet HTML 2Page - Diodes Incorporated DMN3052LSS Datasheet HTML 3Page - Diodes Incorporated DMN3052LSS Datasheet HTML 4Page - Diodes Incorporated DMN3052LSS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMN3052LSS
Document number: DS31583 Rev. 3 - 2
3 of 5
www.diodes.com
September 2009
© Diodes Incorporated
DMN3052LSS
Ordering Information (Note 6)
Part Number
Case
Packaging
DMN3052LSS-13
SO-8
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
0
4
8
12
16
20
24
0.4
0.6
0.8
1
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Reverse Drain Current vs. Source-Drain Voltage
T = 25°C
A
0
100
200
300
400
500
600
700
800
900
1,000
04
8
12
16
20
24
Fig. 8 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Crss
f = 1MHz
Coss
0.00001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 96°C/W
θ
θ
JA
JA
P(pk)
t1
t2
D = Single Pulse
D = 0.005
D = 0.02
D = 0.01
D = 0.05
D = 0.1
D = 0.5
D = 0.3
D = 0.9
D = 0.7
Top View
Logo
Part no.
Year: "07" =2007
"08" =2008
Xth week: 01~52
1
4
8
5
N3052LS
YY WW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com