Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1060 Datasheet(PDF) 2 Page - Diotech Company.

Part # SS1060
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SS1060 Datasheet(HTML) 2 Page - Diotech Company.

  SS1060 Datasheet HTML 1Page - Diotech Company. SS1060 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS1020 THRU SS10100
RATINGS AND CHARACTERISTIC CURVES
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-TYPICAL JUNCTION CAPACITANCE
0.2
0.4
0.6
0.8
1.0
1.2
FIG.4 - TYPICAL REVERSE
CHARACTERISTICS
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
REVERSE VOLTAGE (V)
0
10
20
30
40
1000
100
0.1
10
T =25 C
J
O
SS1020
SS1040
SS1060
SS10100
0
20
40
60
104
103
102
10
1
0.1
REVERSE VOLTAGE (V)
125 C
O
75 C
O
25 C
O
INSTANTANEOUS FORWARD VOLTAGE (V)
20
0.1
10
1.0
.5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1
SS1060
SS10100
SS1030
SS1040
T =25 C
Pulse Width=300 s
1%Duty Cycle
J
O
SS1020



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com