Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA1797 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DA1797
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1797 Datasheet(HTML) 3 Page - Diodes Incorporated

  2DA1797 Datasheet HTML 1Page - Diodes Incorporated 2DA1797 Datasheet HTML 2Page - Diodes Incorporated 2DA1797 Datasheet HTML 3Page - Diodes Incorporated 2DA1797 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2DA1797
Document number: DS31619 Rev. 2 - 2
3 of 4
www.diodes.com
December 2008
© Diodes Incorporated
2DA1797
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 10
CB
/I
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 8 Typical Capacitance Characteristics
10
100
1,000
Cibo
C
obo
f = 1MHz
0
10
2030
40
50
6070
80
90 100
-I , COLLECTOR CURRENT (mA)
C
Fig. 9 Typical Gain-Bandwidth Product
vs. Collector Current
1
10
100
1,000
V
= -2V
f = 100MHz
CE
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
Fig. 10 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 126°C/W
θ
θ
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com