Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MJD32C
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD32C Datasheet(HTML) 3 Page - Diodes Incorporated

  MJD32C Datasheet HTML 1Page - Diodes Incorporated MJD32C Datasheet HTML 2Page - Diodes Incorporated MJD32C Datasheet HTML 3Page - Diodes Incorporated MJD32C Datasheet HTML 4Page - Diodes Incorporated MJD32C Datasheet HTML 5Page - Diodes Incorporated MJD32C Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD32C
Document number: DS31624 Rev. 3 - 2
3 of 6
www.diodes.com
May 2010
© Diodes Incorporated
MJD32C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Emitter Sustaining Voltage
V(SUS)CEO
-100
⎯
⎯
V
IC = -30mA, IB = 0
Collector Cut-off Current
ICEO
⎯
⎯
-50
μA
VCB = -60V, IB = 0
Collector Cut-off Current
ICES
⎯
⎯
-20
μA
VCE = -100V, VEB = 0
Emitter Cut-off Current
IEBO
⎯
⎯
-1.0
mA
VEB = -5.0V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
-1.2
V
IC = -3.0A, IB = -375mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
⎯
-1.8
V
VCE = -4.0V, IC = -3A
DC Current Gain
hFE
25
10
⎯
⎯
50
⎯
VCE = -4.0V, IC = -1A
VCE = -4.0V, IC = -3A
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
3.0
⎯
⎯
MHz
IC = -500mA, VCE = -10V,
f = 1MHz
Small Signal Current Gain
hfe
20
⎯
⎯
⎯
VCE = -10V, IC = -0.5A, f = 1KHz
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with minimum recommended pad layout.
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 1 Power Dissipation vs. Ambient Temperature
0.5
1.0
1.5
2.0
25
50
75
100
125
150
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 2 Typical DC Current Gain vs. Collector Current
10
100
1,000
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -4V
CE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com