Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD31C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MJD31C
Description  NPN SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD31C Datasheet(HTML) 4 Page - Diodes Incorporated

  MJD31C Datasheet HTML 1Page - Diodes Incorporated MJD31C Datasheet HTML 2Page - Diodes Incorporated MJD31C Datasheet HTML 3Page - Diodes Incorporated MJD31C Datasheet HTML 4Page - Diodes Incorporated MJD31C Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJD31C
Document number: DS31625 Rev. 3 - 2
4 of 5
www.diodes.com
April 2010
© Diodes Incorporated
MJD31C
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1.0
1.2
0
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 8
CB
/I
1
10
100
1,000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 6 Typical Capacitance Characteristics
Cibo
Cobo
f = 1MHz
Ordering Information (Note 5)
Part Number
Case
Packaging
MJD31C-13
DPAK
2500/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
DPAK
Dim
Min
Max
A
2.18
2.40
A1
0.89
1.14
b
0.61 Typ
b2
5.20
5.50
C
0.45
0.58
C1
0.45
0.58
D
5.40
6.20
E
6.35
6.80
e
2.28 Typ
e1
4.57 Typ
H
9.00
10.40
L
0.51
⎯
L1
0.64
1.02
L2
0.88
1.27
All Dimensions in mm
MJD31C = Product Type Marking Code
= Manufacturers’ code marking
YYWW = Date Code Marking
YY = Last Digit of Year, (ex: 08 = 2008)
WW = Week Code 01-52
E
b
SEATING
PLANE
L
A
C1
L1
C
b2
e1
D
e
A1
L2
H
YYWW
MJD31C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com