Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DC4672 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DC4672
Description  NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DC4672 Datasheet(HTML) 3 Page - Diodes Incorporated

  2DC4672 Datasheet HTML 1Page - Diodes Incorporated 2DC4672 Datasheet HTML 2Page - Diodes Incorporated 2DC4672 Datasheet HTML 3Page - Diodes Incorporated 2DC4672 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2DC4672
Document number: DS31636 Rev. 3 - 2
3 of 4
www.diodes.com
February 2010
© Diodes Incorporated
2DC4672
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
10
100
1,000
C
ibo
Cobo
f = 1MHz
0
10
2030
40
50
6070
80
90 100
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product
vs. Collector Current
1
10
100
1,000
V
= 2V
f = 100MHz
CE
Ordering Information (Note 6)
Part Number
Case
Packaging
2DC4672-13
SOT89-3L
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
SOT89-3L
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.43
D
4.40
4.60
D1
1.52
1.83
E
2.29
2.60
e
1.50 Typ
e1
3.00 Typ
H
3.94
4.25
L
0.89
1.20
All Dimensions in mm
4672 = Product Type Marking Code
YWW = Date Code Marking
Y = Last digit of year (ex: 8 = 2008)
WW = Week code 01 - 53
4672
YWW
e
D
H
L
A
C
E
8° (4
X)
B1
B
D1
R
0.
20
0
e1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com