Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3031LSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3031LSS
Description  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3031LSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3031LSS Datasheet HTML 1Page - Diodes Incorporated DMN3031LSS Datasheet HTML 2Page - Diodes Incorporated DMN3031LSS Datasheet HTML 3Page - Diodes Incorporated DMN3031LSS Datasheet HTML 4Page - Diodes Incorporated DMN3031LSS Datasheet HTML 5Page - Diodes Incorporated DMN3031LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN3031LSS
Document number: DS31650 Rev. 3 - 2
3 of 6
www.diodes.com
July 2009
© Diodes Incorporated
DMN3031LSS
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
0
0.01
0.02
0.03
0.1
1
10
100
I , DRAIN-SOURCE CURRENT (A)
D
V
= 4.5V
GS
V
= 10V
GS
0.01
0.02
0.03
0.04
0.05
0.06
0
3
6
9
12
15
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
I , DRAIN-SOURCE CURRENT (A)
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.01
0.015
0.02
0.025
0.03
0
3
6
9
12
15
I , DRAIN-SOURCE CURRENT (A)
D
Fig. 5 Typical On-Resistance
vs. Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 10V
GS
Fig. 6 On-Resistance Variation with Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
0
50
100
150
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
I = 10A
GS
D
V
= 4.5V
I = 5A
GS
D
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
1
1.3
1.6
1.9
2.2
2.5
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
I = 250µA
D
Fig. 8 Total Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com