Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS35 Datasheet(PDF) 2 Page - Riedon Powertron

Part # PFS35
Description  Power SMD Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PFS35 Datasheet(HTML) 2 Page - Riedon Powertron

  PFS35 Datasheet HTML 1Page - Riedon Powertron PFS35 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
8/10
Derating
Dimensions
SPECIFICATIONS (continued)
PFS35
PowerSMDFilmResistors
Dimension
mm
tol.
(±mm)
inches
tol.
(±inches)
A
10.3
0.2
0.405
0.008
B
10.1
0.2
0.400
0.008
C
15.3
1.0
4.54
0.04
D
5.08
0.1
0.200
0.004
E
1.5
0.05
0.060
0.002
F
0.75
0.05
0.030
0.002
G
2.2
0.2
0.087
0.008
H
4.5
0.2
0.177
0.008
J
0.5
0.05
0.020
0.002
K
2.5
0.5
0.10
0.02
L
5.0
1.0
0.20
0.04
PowerRatingNotes-
The PFS35 Series Resistors must be attached to a suitable
heatsink.Themaximuminternalresistortemperatureis175°C.
Tospecifyanappropriateheatsinkusethefollowingformula:
R
q
H=TMAX-(PxRqR)-TA
P
Where: R
q
H=ThermalResistanceofHeatsink(K/W)
R
q
R=ThermalResistanceofResistor(K/W)
T
MAX=MaximumTemperatureofResistor
T
A=AmbientTemperatureofHeatsink(°C)
P=PowerThroughResistor(W)
0
20
40
60
80
100
120
25
50
85
100 115 130 145 155
Temperatureofthebackplate(°C)
Note:
Backplateisisolatedfrombothpins.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com