Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-2 Datasheet(PDF) 2 Page - Riedon Powertron

Part # S-2
Description  Surface Mount Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

S-2 Datasheet(HTML) 2 Page - Riedon Powertron

  S-2 Datasheet HTML 1Page - Riedon Powertron S-2 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
2/10
SPECIFICATIONS (continued)
ForNon-InductiveWindings/inserttheletter“N”(i.e.SN-4)
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:S-4100Ohm1%
Type
Dimensions
Stand-Off
Footprint
A
±0.015”
[±0.4mm]
B
±0.015”
[±0.4mm]
C
±0.015”
[±0.4mm]
D
±0.015”
[±0.4mm]
F
±0.015”
[±0.4mm]
LeadThick-
ness
±0.002”
[±0.05mm]
E
±0.015”
[±0.4mm]
Height
±0.005”
[±0.13mm]
W
±0.015”
[±0.4mm]
H
±0.015”
[±0.4mm]
L
±0.015”
[±0.4mm]
S-1
0.190[4.8]
0.130[3.3]
0.110[2.8]
0.060[1.5]
0.040[1.0]
0.006[0.15]
0.100[2.5]
0.005[0.13]
0.062[1.6]
0.100[2.5]
0.250[6.4]
S-2
0.260[6.6]
0.155[3.9]
0.125[3.2]
0.070[1.8]
0.070[1.8]
0.006[0.15]
0.120[3.0]
0.005[0.13]
0.096[2.4]
0.112[2.8]
0.337[8.6]
S-4
0.450[11.4]
0.250[6.4]
0.180[4.6]
0.120[3.0]
0.100[2.5]
0.006[0.15]
0.190[4.8]
0.005[0.13]
0.155[3.9]
0.230[5.8]
0.540[13.7]
S-3
0.625[15.9]
0.270[6.9]
0.250[6.4]
0.120[3.0]
0.135[3.4]
0.006[0.15]
0.150[3.8]
0.005[0.13]
0.200[5.1]
0.150[3.8]
0.700[17.8]
S-5
0.820[20.8]
0.295[7.5]
0.305[7.7]
0.150[3.8]
0.190[4.8]
0.006[0.15]
0.245[6.2]
0.005[0.13]
0.220[5.6]
0.250[6.4]
0.900[22.9]
SL-2
0.260[6.6]
0.155[3.9]
0.100[2.5]
0.070[1.8]
0.070[1.8]
0.006[0.15]
0.120[3.0]
0.005[0.13]
0.096[2.4]
0.112[2.8]
0.337[8.6]
SL-4
0.450[11.4]
0.250[6.4]
0.100[2.5]
0.120[3.0]
0.100[2.5]
0.006[0.15]
0.190[4.8]
0.005[0.13]
0.155[3.9]
0.230[5.8]
0.540[13.7]
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
S & SL Series
SurfaceMountWirewoundResistors
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com