Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1013 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1013
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1013 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1013 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1013 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA1013
-1A, -160V
PNP Plastic Encapsulated Transistor
31-Dec-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
High Voltage:VCEO= -160V
Large Continuous Collector Current Capability
Complementary to 2SC2383
CLASSIFICATION OF hFE
Product-Rank
2SA1013-R
2SA1013-O
2SA1013-Y
Range
60~120
100~200
160~320
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-160
V
Collector to Emitter Voltage
VCEO
-160
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current - Continuous
IC
-1
A
Collector Power Dissipation
PC
0.9
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-160
-
-
V
IC = -100µA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-160
-
-
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE = -10µA, IC = 0
Collector Cut-off Current
ICBO
-
-
-1
µ
A
VCB = -150V, IE = 0
Emitter Cut-off Current
IEBO
-
-
-1
µ
A
VEB = -6V, IC = 0
DC Current Gain
hFE
60
-
320
VCE = -5V, IC = -200mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-1.5
V
IC = -500mA, IB = -50mA
Base-Emitter Voltage
VBE
-
-
-0.75
V
VCE = -5V, IC = -5mA
Transition Frequency
fT
15
-
-
MHz
VCE = -5V, IC = -200mA
Collector Output Capacitance
COb
-
-
35
pF
VCB = -10V, IE = 0, f = 1 MHz
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
A
C
E
F
D
B
G
H
J
K
Millimeter
REF.
Min.
Max.
A
4.70
5.10
B
7.80
8.20
C
13.80
14.20
D
3.70
4.10
E
0.35
0.55
F
0.35
0.45
G
1.27 TYP.
H
1.28
1.58
J
2.44
2.64
K
0.60
0.80
TO-92L


Similar Part No. - 2SA1013

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
190Kb / 3P
TRANSISTOR (COLOR TV VERT. DEFELCTION OUTPUT APPLICATIONS)
logo
List of Unclassifed Man...
2SA1013 ETC-2SA1013 Datasheet
1Mb / 2P
TO 92MOD PLASTIC ENCAPSULATE TRANSISTORS
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
159Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
2SA1013 TOSHIBA-2SA1013 Datasheet
165Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
2SA1013 TOSHIBA-2SA1013 Datasheet
165Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
More results

Similar Description - 2SA1013

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com