Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB5920B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB5920B
Description  VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB5920B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMB5920B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB5920B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB5920B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMB59xxB Series
VOLTAGE 6.2 V ~ 200 V
1.5 Watts Surface Mount Zener Diode
Elektronische Bauelemente
20-Oct-2010 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
PART NUMBER
Nominal Zener
Voltage
Max. Zener Impedance
Max.
Reverse
Leakage Current
Max.
DC Zener
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Nom.V
mA
mA
mA
uA
V
mA
SMB5920B
6.2
60.5
2.0
60.5
200
1.00
5.0
4.0
120
SMB5921B
6.8
55.1
2.5
55.1
200
1.00
5.0
5.2
220
SMB5922B
7.5
50.0
3.0
50.0
400
0.50
5.0
6.0
200
SMB5923B
8.2
45.7
3.5
45.7
400
0.50
5.0
6.5
182
SMB5924B
9.1
41.2
4.0
41.2
500
0.50
5.0
7.0
164
SMB5925B
10.0
37.5
4.5
37.5
500
0.25
5.0
8.0
150
SMB5926B
11.0
34.1
5.5
34.1
550
0.25
5.0
8.4
136
SMB5927B
12.0
31.2
6.5
31.2
550
0.25
1.0
9.1
125
SMB5928B
13.0
28.8
7.0
28.8
550
0.25
1.0
9.9
115
SMB5929B
15.0
25.0
9.0
25.0
600
0.25
1.0
11.4
100
SMB5930B
16.0
23.4
10
23.4
600
0.25
1.0
12.2
93
SMB5931B
18.0
20.8
12
20.8
650
0.25
1.0
13.7
83
SMB5932B
20.0
18.7
14
18.7
650
0.25
1.0
15.2
75
SMB5933B
22.0
17.0
18
17.0
650
0.25
1.0
16.7
68
SMB5934B
24.0
15.6
19
15.6
700
0.25
1.0
18.2
62
SMB5935B
27.0
13.9
23
13.9
700
0.25
1.0
20.6
55
SMB5936B
30.0
12.5
26
12.5
750
0.25
1.0
22.8
50
SMB5937B
33.0
11.4
33
11.4
800
0.25
1.0
25.1
45
SMB5938B
36.0
10.4
38
10.4
850
0.25
1.0
27.4
41
SMB5939B
39.0
9.6
45
9.6
900
0.25
1.0
29.7
38
SMB5940B
43.0
8.7
53
8.7
950
0.25
1.0
32.7
34
SMB5941B
47.0
8.0
67
8.0
1000
0.25
1.0
35.8
31
SMB5942B
51.0
7.3
70
7.3
1100
0.25
1.0
38.8
29
SMB5943B
56.0
6.7
86
6.7
1300
0.25
1.0
42.6
26
SMB5944B
62.0
6.0
100
6.0
1500
0.25
1.0
47.1
24
SMB5945B
68.0
5.5
120
5.5
1700
0.25
1.0
51.7
22
SMB5946B
75.0
5.0
140
5.0
2000
0.25
1.0
56.0
20
SMB5947B
82.0
4.6
160
4.6
2500
0.25
1.0
62.2
18
SMB5948B
91.0
4.1
200
4.1
3000
0.25
1.0
69.2
16
SMB5949B
100.0
3.7
250
3.7
3100
0.25
1.0
76.0
15
SMB5950B
110.0
3.4
300
3.4
4000
0.25
1.0
83.6
6.5
SMB5951B
120.0
3.1
380
3.1
4500
0.25
1.0
91.2
6.0
SMB5952B
130.0
2.9
450
2.9
5000
0.25
1.0
98.8
5.5
SMB5953B
150.0
2.5
600
2.5
6000
0.25
1.0
114.0
5.0
SMB5954B
160.0
2.3
700
2.3
6500
0.25
1.0
121.6
4.5
SMB5955B
180.0
2.1
900
2.1
7000
0.25
1.0
136.8
4.0
SMB5956B
200.0
1.9
1900
1.9
9990
0.25
1.0
152.0
3.5
NOTES:
1. The type number listed have a standard tolerance on the nominal zener voltage of ±5%.
2. The reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com