Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3S220L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PD3S220L
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S220L Datasheet(HTML) 2 Page - Diodes Incorporated

  PD3S220L Datasheet HTML 1Page - Diodes Incorporated PD3S220L Datasheet HTML 2Page - Diodes Incorporated PD3S220L Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PD3S220L
Document number: DS31733 Rev. 1 - 2
2 of 3
www.diodes.com
February 2009
© Diodes Incorporated
PD3S220L
PowerDI is a registered trademark of Diodes Incorporated.
Fig. 1 Forward Power Dissipation
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.5
1
1.5
2
2.5
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
IPK
____
I
AV
= 1(DC)
0
0.2
0.4
0.6
0.8
1
T = 125°C
J
T = 85°C
J
T = 25°C
J
T = -65°C
J
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0
5
10
15
20
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 125°C
J
T = 85°C
J
T = 25°C
J
T = -65°C
J
Fig. 4 Total Capacitance vs. Reverse Voltage
0
50
100
150
200
0
5
10
15
20
V , DC REVERSE VOLTAGE (V)
R
f = 1.0MHz
0
0.5
1.0
1.5
2.0
2.5
025
50
75
100
125
150
T , LEAD TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
L
0
50
200
150
100
0
10
20
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R
Note 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com