Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4800LSS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN4800LSS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4800LSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN4800LSS Datasheet HTML 1Page - Diodes Incorporated DMN4800LSS Datasheet HTML 2Page - Diodes Incorporated DMN4800LSS Datasheet HTML 3Page - Diodes Incorporated DMN4800LSS Datasheet HTML 4Page - Diodes Incorporated DMN4800LSS Datasheet HTML 5Page - Diodes Incorporated DMN4800LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN4800LSS
Document number: DS31736 Rev. 5 - 2
1 of 6
www.diodes.com
July 2009
© Diodes Incorporated
DMN4800LSS
N-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Low On-Resistance
•
14m
Ω @ VGS = 10V
•
20m
Ω @ VGS = 4.5V
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOP-8L
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 5
•
Ordering Information: See Page 5
•
Weight: 0.072g (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Drain Current (Note 3)
Steady
State
TA = 25°C
TA = 70°C
ID
9
7
A
Pulsed Drain Current (Note 4)
IDM
50
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 3)
PD
1.46
W
Thermal Resistance, Junction to Ambient
RθJA
86
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, with minimum recommended pad layout.
4. Repetitive rating, pulse width limited by junction temperature.
TOP VIEW
Internal Schematic
TOP VIEW
S
D
D
G
D
D
S
S
Please click here to visit our online spice models database.


Similar Part No. - DMN4800LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4800LSSL DIODES-DMN4800LSSL Datasheet
145Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN4800LSSL DIODES-DMN4800LSSL_15 Datasheet
223Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN4800LSSQ DIODES-DMN4800LSSQ Datasheet
331Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMN4800LSS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com