Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CTP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBR3045CTP
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR3045CTP Datasheet(HTML) 3 Page - Diodes Incorporated

  MBR3045CTP Datasheet HTML 1Page - Diodes Incorporated MBR3045CTP Datasheet HTML 2Page - Diodes Incorporated MBR3045CTP Datasheet HTML 3Page - Diodes Incorporated MBR3045CTP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR3045CTP
Document number: DS31796 Rev. 3 - 2
3 of 4
www.diodes.com
December 2010
© Diodes Incorporated
MBR3045CTP
0.01
0.1
1
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
45
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
100
1,000
10,000
0.1
1
10
100
Fig. 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
Fig. 5 Forward Current Derating Curve
0
3
12
15
30
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
R
= 13°C/W
Per Element
Note 3
θJA
6
9
18
21
24
27
R
= R
Total Device
θθ
JA
JC
0
9
18
27
36
45
Fig. 6 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R
0
25
50
75
100
125
150
Package Outline Dimensions
ITO-220S
DIM.
MIN.
MAX.
TYP.
A
4.52
4.62
4.57
A1
1.17
1.39
−
A2
2.57
2.77
2.67
b
0.72
0.95
0.84
b2
1.15
1.34
1.26
c
0.356
0.61
−
D
14.22 16.51 15.00
D1
8.60
8.80
8.70
D2
13.68 14.08
−
e
2.49
2.59
2.54
e1
4.98
5.18
5.08
E
10.01 10.21 10.11
E1
6.86
8.89
−
H1
5.85
6.85
−
L
13.30 13.90 13.60
L1
−
6.35
−
P
3.54
4.08
−
Q
2.54
3.42
−
All Dimensions in mm
E
D1
L
b2
b
e
A2
+
A
D
7 Ref
°
5 Ref
°
+
D2
H1
E1
5 Ref
°
A1
c
e1
Q
ØP
1.7 Ref
5 Ref
°
5 Ref
°
L1
Ø1.5
Dp 0.1 max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com