Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2010B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U2010B
Description  Programmable Load-current Limitation with Over- and High-load Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2010B Datasheet(HTML) 2 Page - ATMEL Corporation

  U2010B_10 Datasheet HTML 1Page - ATMEL Corporation U2010B_10 Datasheet HTML 2Page - ATMEL Corporation U2010B_10 Datasheet HTML 3Page - ATMEL Corporation U2010B_10 Datasheet HTML 4Page - ATMEL Corporation U2010B_10 Datasheet HTML 5Page - ATMEL Corporation U2010B_10 Datasheet HTML 6Page - ATMEL Corporation U2010B_10 Datasheet HTML 7Page - ATMEL Corporation U2010B_10 Datasheet HTML 8Page - ATMEL Corporation U2010B_10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
4766C–INDCO–04/10
U2010B
Figure 1-2.
Block Diagram with External Circuit
Automatic
retriggering
Limiting
detector
Voltage
detector
Supply
voltage
Reference
voltage
Voltage
monitoring
Soft
start
Load current
compensation
Mains voltage
compensation
Current
detector
Level
shift
Output
Overload
threshold
Set point
V(R6) = ± 250 mV
High load
Overload
Load
230V
~
Programmable
overload
protection
Full wave
rectifier
Auto-
start
Phase
control unit
ϕ = f(V
4)
α
max
α
max
Imax
Load
current
detector
+
+
+
15
2
3
4
5
6
7
8
14
13
12
10
9
16
1
11
1
A
A
S1
B
C
D1
D3
LED
GND
Mode
B
C
U2010B
2
100%
70%
R1
R11
R10
C5
P1
C4
C2
0.1 µF
0.15 µF
4.7 µF
C1
22 µF
C3
10 nF
C7
1 µF
R6
R7
R14
18 k
Ω/2W
R3
180
Ω
R4
3.3 k
Ω
100 k
Ω
VS
R2
330 k
Ω
R8
470 k
Ω
R5
3.3 k
Ω
1 M
Ω
50 k
Ω
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com