Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2020LSN Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2020LSN
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2020LSN Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2020LSN Datasheet HTML 1Page - Diodes Incorporated DMN2020LSN Datasheet HTML 2Page - Diodes Incorporated DMN2020LSN Datasheet HTML 3Page - Diodes Incorporated DMN2020LSN Datasheet HTML 4Page - Diodes Incorporated DMN2020LSN Datasheet HTML 5Page - Diodes Incorporated DMN2020LSN Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN2020LSN
Document number: DS31946 Rev. 2 - 2
3 of 6
www.diodes.com
September 2009
© Diodes Incorporated
DMN2020LSN
0
0.01
0.02
0.03
0.04
0.05
0.06
02
4
6
8
10
12
14
16
18
20
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
V
= 1.8V
GS
V
= 4.5V
GS
V
= 2.5V
GS
0
0.01
0.02
0.03
0.04
0
2
4
6
8
1012
14
16
1820
I , DRAIN CURRENT (A)
Fig. 4 Typical Drain-Source On-Resistance
vs. Drain Current and Temperature
D
V
= 4.5V
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
V
= 2.5V
I = 150mA
GS
D
V
= 4.5V
I = 500mA
GS
D
0
0.01
0.02
0.03
0.04
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
V
= 4.5V
I = 10A
GS
D
V
= 2.5V
I = 5A
GS
D
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
I = 1mA
D
I = 250µA
D
0
5
10
15
20
0.4
0.6
0.8
1
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 8 Diode Forward Voltage vs. Current
T = 25°C
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com