Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1E2 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1E2
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1E2 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1E2 Datasheet HTML 1Page - Pan Jit International Inc. 1E2 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.06.2009
1E1 ~ 1E6
RATING AND CHARACTERISTIC CURVES
FIG.2 MAXIMUM AVERAGE FORWARD CURRENT DERATING
LEAD TEMPERATURE, C
O
0
0
0.5
1.0
1.5
20
40
60
80
100
120
140
160
180
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD P.C.B MOUNTED
ON 0.3 x 0.3" (8.0 x 8.0 mm)COPPER PAD AREAS
FIG.1 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPEITIVE SURGE CURRENT
40 60 80 100
1
2
46
8 10
20
5
20
15
10
30
25
35
100
10
0.1
1
10
100
1
T= 25 C
f=1.0MHz
Vsig = 50mVp-p
J
O
FIG.3 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T = 125 C
J
O
FIG.4 TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE VOLTS
0
0.8
1.6
2.4
3.2
0.1
1.0
10
300-400V
50-200V
600V
T=25 C
A
O
800V
0.4
1.2
2.0
2.8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com