Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV62065 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV62065 Datasheet HTML 9Page - Texas Instruments TLV62065 Datasheet HTML 10Page - Texas Instruments TLV62065 Datasheet HTML 11Page - Texas Instruments TLV62065 Datasheet HTML 12Page - Texas Instruments TLV62065 Datasheet HTML 13Page - Texas Instruments TLV62065 Datasheet HTML 14Page - Texas Instruments TLV62065 Datasheet HTML 15Page - Texas Instruments TLV62065 Datasheet HTML 16Page - Texas Instruments TLV62065 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TLV62065
www.ti.com
SLVSAC4 – NOVEMBER 2010
DETAILED DESCRIPTION
OPERATION
The TLV62065 step down converter operates with typically 3MHz fixed frequency pulse width modulation (PWM)
at moderate to heavy load currents. At light load currents the converter can automatically enter Power Save
Mode and operates then in PFM (Pulse Frequency Mode) mode.
During PWM operation the converter use a unique fast response voltage mode controller scheme with input
voltage feed-forward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the High Side MOSFET switch is
turned on. The current flows now from the input capacitor via the High Side MOSFET switch through the inductor
to the output capacitor and load. During this phase, the current ramps up until the PWM comparator trips and the
control logic will turn off the switch. The current limit comparator will also turn off the switch in case the current
limit of the High Side MOSFET switch is exceeded. After a dead time preventing shoot through current, the Low
Side MOSFET rectifier is turned on and the inductor current ramps down. The current flows now from the
inductor to the output capacitor and to the load. It returns back to the inductor through the Low Side MOSFET
rectifier.
The next cycle will be initiated by the clock signal again turning off the Low Side MOSFET rectifier and turning on
the High Side MOSFET switch.
POWER SAVE MODE
At TLV62065 pulling the Mode pin low enables Power Save Mode. If the load current decreases, the converter
enters Power Save Mode operation automatically. During Power Save Mode the converter skips switching and
operates with reduced frequency in PFM mode with a minimum quiescent current to maintain high efficiency. The
converter positions the output voltage typically +1% above the nominal output voltage. This voltage positioning
feature minimizes voltage drops caused by a sudden load step.
The transition from PWM mode to PFM mode occurs once the inductor current in the Low Side MOSFET switch
becomes zero, which indicates discontinuous conduction mode.
During the Power Save Mode the output voltage is monitored with a PFM comparator. As the output voltage falls
below the PFM comparator threshold of VOUTnominal +1%, the device starts a PFM current pulse. For this the High
Side MOSFET switch will turn on and the inductor current ramps up. After the On-time expires the switch will be
turned off and the Low Side MOSFET switch will be turned on until the inductor current becomes zero.
The converter effectively delivers a current to the output capacitor and the load. If the load is below the delivered
current the output voltage will rise. If the output voltage is equal or higher than the PFM comparator threshold,
the device stops switching and enters a sleep mode with typ. 18µA current consumption.
In case the output voltage is still below the PFM comparator threshold, further PFM current pulses will be
generated until the PFM comparator threshold is reached. The converter starts switching again once the output
voltage drops below the PFM comparator threshold due to the load current.
The PFM mode is exited and PWM mode entered in case the output current can no longer be supported in PFM
mode.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com