Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF05LCFLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMF05LCFLP
Description  FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMF05LCFLP Datasheet(HTML) 1 Page - Diodes Incorporated

  DMF05LCFLP Datasheet HTML 1Page - Diodes Incorporated DMF05LCFLP Datasheet HTML 2Page - Diodes Incorporated DMF05LCFLP Datasheet HTML 3Page - Diodes Incorporated DMF05LCFLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMF05LCFLP
Document number: DS32004 Rev. 3 - 2
1 of 4
www.diodes.com
July 2010
© Diodes Incorporated
DMF05LCFLP
FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
Features
•
5-line ESD Protection
•
Sub-miniature Package (1.6 x 1.6mm)
•
Low Capacitance – 42pF typ @ VR = 0V
•
Provides a High Level of Protection from ESD to IEC61000-4-2
•
±30kV Contact Discharge
•
±30kV Air Discharge
•
Lead Free/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN1616-6
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (NiPdAu Finish over Copper leadframe).
•
Polarity: Pin 1 Dot and Center Pad Notch, See Diagram
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.004 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Current, 8/20
μs waveform, single shot, per IEC61000-4-5
IPPM
5
A
Peak Pulse Power, 8/20
μs waveform, single shot, per IEC61000-4-5
PPP
70
W
ESD Rating
Human Body Model
ESD
8
kV
Machine Model
400
V
IEC61000-4-2 Air Discharge
30
kV
IEC61000-4-2 Contact Discharge
30
kV
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance Junction to Ambient Air (Note 3)
RθJA
256
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Reverse
Standoff
Voltage
VRWM @
IRWM = 1μA
Breakdown
Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @
VRWM
(Note 4)
Max. Clamping
Voltage
@ IPP = 1A
per IEC61000-4-5
Max. Clamping
Voltage Vc
@ IPP = 5A
per IEC61000-4-5
Max. Forward
Clamping
Voltage VF
@ IF = 1A
per IEC61000-4-5
Max. Forward
Clamping
Voltage VF
@ IF = 5A
per IEC61000-4-5
Max Total
Capacitance
VR = 0V
f = 1MHz
Typical Total
Capacitance
VR = 2.5V
f = 1MHz
Min (V)
Min (V) Max (V)
IT (mA)
IR (μA)
VC (V)
VC (V)
VF (V)
VF (V)
CT (pF)
CT (pF)
5.0
6
8
1.0
0.1
9.5
12.5
2
4
50
25
Notes:
1. No Purposefully added Lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
Only one switching diode powered on.
4. Short duration pulse test used to minimize self-heating effect.
DFN1616-6
Internal Schematic
TOP VIEW
BOTTOM VIEW
12
3
65
4


Similar Part No. - DMF05LCFLP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DMF05R ADAM-TECH-DMF05R Datasheet
125Kb / 1P
WIRE TO BOARD CONNECTORS .165 [4.20] CENTERLINES
DMF05RF ADAM-TECH-DMF05RF Datasheet
125Kb / 1P
WIRE TO BOARD CONNECTORS .165 [4.20] CENTERLINES
DMF05RN ADAM-TECH-DMF05RN Datasheet
125Kb / 1P
WIRE TO BOARD CONNECTORS .165 [4.20] CENTERLINES
DMF05S ADAM-TECH-DMF05S Datasheet
125Kb / 1P
WIRE TO BOARD CONNECTORS .165 [4.20] CENTERLINES
DMF05SF ADAM-TECH-DMF05SF Datasheet
125Kb / 1P
WIRE TO BOARD CONNECTORS .165 [4.20] CENTERLINES
More results

Similar Description - DMF05LCFLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PZX363C3V9 DIODES-PZX363C3V9 Datasheet
71Kb / 3P
FIVE ELEMENT MOUNT ZENER DIODE ARRAY
DS30450 Rev. 1 - 2
logo
Stanson Technology
STE0515 STANSON-STE0515 Datasheet
88Kb / 5P
Five-Line ESD Protection Array
logo
Diodes Incorporated
MMBD4148PLM DIODES-MMBD4148PLM Datasheet
123Kb / 3P
FIVE ELEMENT COMMON CATHODE SWITCHING DIODE ARRAY
DS31437 Rev. 6 - 2
logo
Union Semiconductor, In...
UESD54B UNIONSEMI-UESD54B Datasheet
263Kb / 11P
Quad/Five/Six Line ESD Protection Diode Array
logo
Diodes Incorporated
MMBD4148PLM DIODES-MMBD4148PLM_15 Datasheet
123Kb / 3P
FIVE ELEMENT COMMON CATHODE SWITCHING DIODE ARRAY
Rev erse
logo
Union Semiconductor, In...
UESD54B UNIONSEMI-UESD54B_15 Datasheet
380Kb / 10P
Quad/Five/Six Line ESD Protection Diode Array
logo
Vishay Siliconix
VESD05A5-06G VISHAY-VESD05A5-06G Datasheet
140Kb / 8P
Five-Line ESD Protection Diode Array in SOT-363
14-Feb-2019
logo
Rectron Semiconductor
ESDXXXAL RECTRON-ESDXXXAL Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
ESDXXXALV RECTRON-ESDXXXALV Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
logo
Guangdong Youtai Semico...
MMBZXXXALT1G UMW-MMBZXXXALT1G Datasheet
546Kb / 5P
Common Anode Zeners for ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com