Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16TS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS16TS
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS16TS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS16TS Datasheet HTML 1Page - Pan Jit International Inc. BAS16TS Datasheet HTML 2Page - Pan Jit International Inc. BAS16TS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-FEB.11.2009
BAS16TS
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
200mWatts
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• Electrically Identical to Standard JEDEC
• High Conductance
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOD-523, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Standard packaging: 8mm tape
Weight: approximately 0.002gram
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
S
T
6
1
S
A
B
S
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
6
A
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V
R
5
7
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V
M
R
0
0
1
V
e
g
a
t
l
o
V
S
M
R
V
S
M
R
0
5
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
5
7
V
5
2
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
O C
I
)
V
A
(
F
5
2
1
A
m
s
u
0
.
1
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
I
M
S
F
4.0
A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
P
T
O
T
0
0
2
W
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
A
1
0
.
0
@
5
5
8
.
0
V
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
J
5
2
=
O C
I
R
V
5
7
@
0
.
1
A
u
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
C
J
0
.
2
F
p
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
T
R
R
0
.
6
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Typical
R θ
A
J
3
3
8
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
J
0
5
1
+
o
t
5
5
-
O C
1
2
Cathode
Anode
Polarity : Color band cathode


Similar Part No. - BAS16TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16TS-AU PANJIT-BAS16TS-AU Datasheet
73Kb / 5P
SURFACE MOUNT SWITCHING DIODES
BAS16TS-AU PANJIT-BAS16TS-AU_16 Datasheet
80Kb / 5P
SURFACE MOUNT SWITCHING DIODES
BAS16TS-AU_R1_000A1 PANJIT-BAS16TS-AU_R1_000A1 Datasheet
80Kb / 5P
SURFACE MOUNT SWITCHING DIODES
BAS16TS-AU_R2_000A1 PANJIT-BAS16TS-AU_R2_000A1 Datasheet
80Kb / 5P
SURFACE MOUNT SWITCHING DIODES
BAS16TS PANJIT-BAS16TS_16 Datasheet
67Kb / 5P
SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAS16TS

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com