Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAV99S
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAV99S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAV99S Datasheet HTML 1Page - Pan Jit International Inc. BAV99S Datasheet HTML 2Page - Pan Jit International Inc. BAV99S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
BAS16TW/BAW56DW/BAV70DW/BAV99S
REV.0.0-JAN.6.2009
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
200mWatts
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• High Conductance
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: SOT-363, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: approximately 0.006gram
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SW
T
6
1
S
A
BW
D
6
5
W
A
BW
D
0
7
V
A
BS
9
9
V
A
BS
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M-
T
6
1C
JA
JB
J-
e
g
a
t
l
o
V
e
s
r
e
v
e
RV
R
5
7V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV
M
R
0
0
1V
h
t
i
W
n
o
i
t
a
c
i
f
i
t
c
e
R
e
v
a
W
f
l
a
H
,
)
e
g
a
r
e
v
A
(
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
f
d
n
a
d
a
o
L
e
v
i
t
s
i
s
e
R>
z
H
0
5
I
O
0
5
1A
m
0
.
1
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
µsI
M
S
F
0
.
4A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
OCP
T
O
T
0
0
2W
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV
F
I
@
5
1
7
.
0
F
A
1
0
0
.
0
=
I
@
5
5
8
.
0
F
A
1
0
.
0
=
I
@
0
.
1
F
A
5
0
.
0
=
I
@
5
2
.
1
F
A
5
1
.
0
=
V
V
5
2
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
V
5
7
I
R
3
0
.
0
5
.
2
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
m
u
m
i
x
a
MC
J
5
.
1F
p
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
MT
R
R
0
.
4s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
TRθ
A
J
5
2
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
0
5
1
+
o
t
5
5
-
OC
e
r
u
g
i
F
t
i
u
c
r
i
C
8
4
.
g
i
F1
5
.
g
i
F2
5
.
g
i
F2
3
.
g
i
F
NOTE : 1. Reverse Bias Voltage = 0. f=1MHz
2. I F=10mA to I R=1mA. VR=6V. Load=100
Ω


Similar Part No. - BAV99S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV99S SIEMENS-BAV99S Datasheet
42Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
logo
Infineon Technologies A...
BAV99S INFINEON-BAV99S Datasheet
487Kb / 8P
Silicon Switching Diode
Mar-10-2004
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
High-speed switching diode array
2001 May 14
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
HIGH SPEED SWITCHING DIODE ARRAY
logo
NXP Semiconductors
BAV99S NXP-BAV99S Datasheet
153Kb / 14P
High-speed switching diodes
Rev. 07-14 April 2010
More results

Similar Description - BAV99S

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com