Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40SW Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS40SW
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40SW Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS40SW Datasheet HTML 1Page - Pan Jit International Inc. BAS40SW Datasheet HTML 2Page - Pan Jit International Inc. BAS40SW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-FEB.5.2009
BAS40W/AW/CW/SW
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
FIG. 4 FORWARD CURRENT DERATING
FIG. 3 TYPICAL JUNCTION CAPACITANCE
0
200
300
400
100
50
100
150
200
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
REVERSE VOLTAGE, Volts
AMBIENT TEMPERATURE( C)
O
0
0.1
1.0
10
100
0.4
0.6
0.8
1.0
T=25 C
A
O
0
0
0.01
0.1
1.0
10
100
10
20
30
40
T=25 C
J
O
T=75 C
J
O
T =125 C
J
O
0
0
1.0
2.0
3.0
10
20
30
40
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS CURVE
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SN
O
I
T
I
D
N
O
C
T
S
E
T.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
)
R
B
(
I
R
0
1
=uA
0
4-
--
-V
t
n
e
r
r
u
C
e
s
r
e
v
e
RI
R
V
R
5
2
=V
-
--
-0
.
1A
u
e
g
a
t
l
o
V
d
r
a
w
r
o
FV
F
I
F
0
.
1
=mA
I
F
0
1
=mA
I
F
0
4
=mA
-
--
-
8
3
.
0
0
5
.
0
0
0
.
1
V
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
TC
T
V
R
,
V
0
=f
H
M
0
.
1
=
Z
-
--
-0
.
5F
p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com