Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1841 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1841
Description  Low-Saturation Current-Controlled Forward/Reverse Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1841 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1841 Datasheet HTML 1Page - Sanyo Semicon Device LB1841 Datasheet HTML 2Page - Sanyo Semicon Device LB1841 Datasheet HTML 3Page - Sanyo Semicon Device LB1841 Datasheet HTML 4Page - Sanyo Semicon Device LB1841 Datasheet HTML 5Page - Sanyo Semicon Device LB1841 Datasheet HTML 6Page - Sanyo Semicon Device LB1841 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB1841V
No. 4384-2/7
Electrical Characteristics at Ta = 25
°C, V
CC = 7.2V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Power supply current
ICC 0
In standby mode
0.1
10
µA
ICC 1
Forward/reverse No load
9
13
mA
ICC 2
In brake mode
12
18
mA
Output saturation voltage
Vsat 1
IO = 200 mA (upper side + lower side)
0.20
0.30
V
Vsat 2
IO = 400 mA (upper side + lower side)
0.40
0.60
V
Reference voltage
Vref
IVref = 1 mA
1.85
2.0
2.15
V
Current limiter characteristics
I limit
VS-VM resistance = 1Ω at LIR = 2V
165
185
205
mA
Input current
IIN
VIN = 5V
90
150
µA
PBC drive current
IPBC
–10
mA
Vs output voltage
VS
2.55
×V
SVR
V
RD saturation voltage
VRDsat
IO = 1 mA
0.3
V
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC
3.0 to 9.0
V
Input High voltage
VIH
3.0 to 9.0
V
Input Low voltage
VIL
–0.3 to 0.7
V
SVR input voltage
VSVR
1.0 to VCC–0.2
V
LIR input voltage
VLIR
0.5 to VCC–1.0
V
Output current limiter
I limit
50 to 350
mA
Constant-voltage output VS is determined by the equation VS = 2.55 × VSVR.
The input range of VSVR is 1.0 to 4 V. When VS ≥ VCC, the output will be saturated.
The output current limiter value is determined according to the following equation (Rf is a sensing resistor across VS and VM).
I limit = VLIR/10 Rf(A)
VLIR input range is 0.5 to VCC –1.0 (V).
Block Diagram and Sample Application Circuit
VCC = 3 to 10.5V
10
µF
Vcc
SVR
LIR
PBC
VS
VM
OUT1
M
OUT2
P-G
RD
DEL
IN2
IN1
Thermal
shutdown
S-G
Vref
= 2.0V
0.001
µF
to 0.01
µF
VS = 5.1V
Rf = 0.47 to 2Ω
10
µF
DECODER
Limit
detection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com