Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ261 Datasheet(PDF) 1 Page - ebm-papst

Part # LZ261
Description  SPECIAL PARTS - TUBEAXIAL FAN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

LZ261 Datasheet(HTML) 1 Page - ebm-papst

  LZ261 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
e-mail: sales@us.ebmpapst.com · TEL: 860-674-1515 · FAX: 860-674-8536
ebm-papst Inc., 100 Hyde Road, Farmington, CT 06034 USA
ebm-papst Inc., 2006 © ebm-papst Inc. reserves the right to change any specifications or data without notice
Accessories - Special Parts
Tubeaxial Fan
LZ 212
8300
LZ 260
8300
LZ 261
8400
LZ 212
3300
LZ 260
3300
LZ 210
9000
LZ 40 N
9000
LZ 40-1
9000
LZ 60
9000
LZ 210
4000
LZ 40 N
4000
LZ 40-1
4000
LZ 60
4000
LZ 212
4300
LZ 260
4300
LZ 210
5100
LZ 210
5600
LZ 210
5200
LZ 210
5900
LZ 210
7000
LZ 370
VARIOFAN
Screen LZ40N
Bracket LZ40-1
Filter LZ60
LZ 40 N / LZ 40-1 / LZ 60
LZ 212
LZ 210
Screw clip of hardened
steel. For mounting fans
with threaded pin 6-32
UNC and/or 3.5
DIN 7970.
LZ 370
LZ 120
LZ40N of black, fiberglass reinforced
plastic with inserted aluminium wire
mess LZ60. Mounting with brackets
LZ40-1.
Screw clip of rust-resistant spring steel.
For mounting fans with threaded
pin 3.5 DIN 7970.
LZ 260 / LZ 261
Spacer of fiberglass reinforced plastic. For
screw mounting over both fan and mounting
flanges.
Connecting cable with molded plug.
(PVC, black). Stranded wires with multi-core
cable ends. For all types of fans with flat
pins .12 x .02 in (3.0 x 0.5 mm).
Temperature sensor for speed-controlled
fan operation. Temperature range 30...50 C.
24 (610)
39.4 (1000)
Cable Length in. (mm)
Type
Pins
.02 (.5)
.02 (.5)
Filter Kit for 119mm fans
10016-1-5170
Grill Guard
10017-1-5170
Grill Guard and Filter
10018-1-5170
Grill Guard, Filter, Spacer
Plug and Cord Sets
.1 10 x .02 inch (2.8 x .5 mm)
RIGHT
ANGLE
CONNECTION
24 inch (610mm)
1434-4-6711-1
36 inch (914mm)
1434-4-6711-3
80 inch (2032mm)
1434-4-6711-80
Part Number
Series
3.94 (100)
4.53
(115)
5.00 (127)
6.89 (175)
0.197 (5)
0.24(6)
0.178(4.5)
2678-2-2945
Plastic shock and vibration mount for
119/120 mm fans.
.16 in
4.1mm
.31 in
7.9mm
.56 in
14.2mm
.32 in
8.0mm
.69 in
17.6mm
.92 in
23.11mm
286


Similar Part No. - LZ261

ManufacturerPart #DatasheetDescription
logo
ebm-papst
LZ26 EBMPAPST-LZ26 Datasheet
436Kb / 2P
METAL FINGER GUARDS
More results

Similar Description - LZ261

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com