Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1845 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1845
Description  PWM Current Control Stepping Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1845 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1845 Datasheet HTML 1Page - Sanyo Semicon Device LB1845 Datasheet HTML 2Page - Sanyo Semicon Device LB1845 Datasheet HTML 3Page - Sanyo Semicon Device LB1845 Datasheet HTML 4Page - Sanyo Semicon Device LB1845 Datasheet HTML 5Page - Sanyo Semicon Device LB1845 Datasheet HTML 6Page - Sanyo Semicon Device LB1845 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
No. 5505-2/7
LB1845
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Output Block]
Output stage supply voltage
IBB ON
12
16
mA
IBB OFF
0.7
0.9
mA
VO(sat)1
IO = +1.0 A sink
1.2
1.4
V
Output saturation voltage 1
VO(sat)2
IO = +1.5 A sink
1.4
1.7
V
VO(sat)3
IO = –1.0 A source
1.1
1.3
V
VO(sat)4
IO = –1.5 A source
1.3
1.6
V
Output leakage current
IO(leak)1
VO = VBB sink
50
µA
IO(leak)2
VO = 0 V source
–50
µA
Sustained output voltage
V(sus)
*
45
V
[Logic Block]
Logic supply current
ICC ON
I0 = 0.8 V, I1 = 0.8 V
19.5
25.3
mA
ICC OFF
I0 = 2.4 V, I1 = 2.4 V
15.5
20.1
mA
Input voltage
VIH
2.4
V
VIL
0.8
V
Input current
IIH
VIH = 2.4 V
10
µA
IIL
VIL = 0.8 V
–10
µA
I0 = 0.8 V, I1 = 0.8 V
9.5
10
10.5
Current control threshold voltage
VREF/VSENSE I0 = 2.4 V, I1 = 0.8 V
13.5
15
16.5
I0 = 0.8 V, I1 = 2.4 V
25.5
30
34.5
Thermal shutdown temperature
TS
170
°C
Electrical Characteristics at Ta = 25°C, VBB = 38 V, VCC = 5 V, VREF = 5 V
Truth Table
Pin Assignment
Note: *Design guaranteed value
Note: Outputs go off when ENABLE is high or in the I0 = I1 = high state.
ENABLE
PHASE
OUT A
OUT B
L
H
H
L
L
L
L
H
H
—
OFF
OFF
I0
I1
Output current
L
L
VREF / (10 × RE) = IOUT
H
L
VREF / (15 × RE) = IOUT × 2/3
L
H
VREF / (30 × RE) = IOUT × 1/3
H
H
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com