Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3021LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC3021LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3021LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC3021LSD Datasheet HTML 1Page - Diodes Incorporated DMC3021LSD Datasheet HTML 2Page - Diodes Incorporated DMC3021LSD Datasheet HTML 3Page - Diodes Incorporated DMC3021LSD Datasheet HTML 4Page - Diodes Incorporated DMC3021LSD Datasheet HTML 5Page - Diodes Incorporated DMC3021LSD Datasheet HTML 6Page - Diodes Incorporated DMC3021LSD Datasheet HTML 7Page - Diodes Incorporated DMC3021LSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMC3021LSD
Document number: DS32152 Rev. 1 - 2
1 of 8
www.diodes.com
May 2010
© Diodes Incorporated
DMC3021LSD
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Features
Low On-Resistance
N-Channel: 21m
Ω @ 10V
32m
Ω @ 4.5V
P-Channel: 39m
Ω @ 10V
53m
Ω @ 4.5V
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Complementary Pair MOSFET
Lead Free/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See Diagram
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 6
Ordering Information: See Page 6
Weight: 0.072 grams (approximate)
Maximum Ratings N-CHANNEL – Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 3)
Steady
State
TA = 25°C
TA = 85°C
ID
8.5
7.1
A
Pulsed Drain Current (Note 4)
IDM
26
A
Maximum Ratings P-CHANNEL – Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 3)
Steady
State
TA = 25°C
TA = 85°C
ID
-7.0
-4.5
A
Pulsed Drain Current (Note 4)
IDM
-25
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
2.5
W
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
50
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, with minimum recommended pad layout.
4. Repetitive rating, pulse width limited by junction temperature.
SO-8
Top View
Top View
D
1
S
1
G
1
D
2
S
2
G
2
N-Channel MOSFET
P-Channel MOSFET
S2
D1
S1
D2
G1
G2
D2
D1


Similar Part No. - DMC3021LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC3021LSD-13 DIODES-DMC3021LSD-13 Datasheet
187Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3021LSDQ DIODES-DMC3021LSDQ Datasheet
277Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
June 2014
DMC3021LSDQ-13 DIODES-DMC3021LSDQ-13 Datasheet
277Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
June 2014
DMC3021LSD DIODES-DMC3021LSD_15 Datasheet
275Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMC3021LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 6
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC2041UFDB DIODES-DMC2041UFDB Datasheet
659Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com