Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3032LSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC3032LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3032LSD Datasheet(HTML) 6 Page - Diodes Incorporated

  DMC3032LSD Datasheet HTML 1Page - Diodes Incorporated DMC3032LSD Datasheet HTML 2Page - Diodes Incorporated DMC3032LSD Datasheet HTML 3Page - Diodes Incorporated DMC3032LSD Datasheet HTML 4Page - Diodes Incorporated DMC3032LSD Datasheet HTML 5Page - Diodes Incorporated DMC3032LSD Datasheet HTML 6Page - Diodes Incorporated DMC3032LSD Datasheet HTML 7Page - Diodes Incorporated DMC3032LSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMC3032LSD
Document number: DS32153 Rev. 1 - 2
6 of 8
www.diodes.com
May 2010
© Diodes Incorporated
DMC3032LSD
0
0.5
1.0
1.5
2.0
2.5
Fig. 17 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
I = 1mA
D
I = 250µA
D
0.4
0.6
0.8
1.0
1.2
1.4
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 18 Diode Forward Voltage vs. Current
0
4
8
12
16
20
T = 25°C
A
10
100
1,000
10,000
0
5
10
15
20
25
30
Fig. 19 Typical Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
f = 1MHz
C
iss
C
oss
Crss
0
5
10
15
20
25
30
Fig. 20 Typical Drain-Source Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Ordering Information (Note 7)
Part Number
Case
Packaging
DMC3032LSD-13
SO-8
2500/Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Logo
Part no .
Year: “10” = 2010
Xth week: 01 ~ 53
1
4
8
5
C3032LD
YY WW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com