Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS521
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS521 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS521 Datasheet HTML 1Page - Diodes Incorporated BAS521 Datasheet HTML 2Page - Diodes Incorporated BAS521 Datasheet HTML 3Page - Diodes Incorporated BAS521 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS521
Document number: DS32175 Rev. 4 - 2
1 of 4
www.diodes.com
July 2010
© Diodes Incorporated
BAS521
HIGH VOLTAGE SWITCHING DIODE
Features
•
Fast Switching Speed: max. 50 ns
•
High Reverse Breakdown Voltage: 300V
•
Low Leakage Current: 100nA at room temperature
•
Ultra Small Plastic SMD Package
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 3)
•
"Green" Device (Note 4)
Mechanical Data
•
Case: SOD-523
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
•
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.0014 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
300
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
300
V
Forward Current (Note 2)
IF
250
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
μs
IFSM
4.5
A
Repetitive Peak Forward Current (Note 2)
IFRM
1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
325
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
385
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
300
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
1.1
V
IF = 100mA
Reverse Current (Note 1)
IR
⎯
⎯
⎯
50
150
100
nA
nA
μA
VR = 5V
VR = 250V
VR = 250V, TJ = 150°C
Total Capacitance
CT
⎯
5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead. Halogen and Antimony Free.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Top View
1
2
Device Schematic


Similar Part No. - BAS521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS521 PHILIPS-BAS521 Datasheet
59Kb / 8P
High voltage switching diode
2003 Aug 12
BAS521 NXP-BAS521 Datasheet
114Kb / 8P
High voltage switching diode
2003 Aug 12
logo
Shenzhen Luguang Electr...
BAS521 LUGUANG-BAS521 Datasheet
271Kb / 4P
High voltage switching diode
logo
Continental Device Indi...
BAS521 CDIL-BAS521 Datasheet
336Kb / 3P
HIGH VOLTAGE SWITCHING DIODE
logo
Guangdong Kexin Industr...
BAS521 KEXIN-BAS521 Datasheet
768Kb / 3P
Switching Diodes
More results

Similar Description - BAS521

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com