Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846AS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC846AS
Description  NPN GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC846AS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC846AS Datasheet HTML 1Page - Pan Jit International Inc. BC846AS Datasheet HTML 2Page - Pan Jit International Inc. BC846AS Datasheet HTML 3Page - Pan Jit International Inc. BC846AS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-JUN.20.2007
BC846AS
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
CV (BR)
O
E
C0
=
B
I
,
A
m
0
1
=
C
I5
6-
-
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
o
t
c
e
l
l
o
CV (BR)
O
B
C0
=
E
I
,
A
u
0
1
=
C
I0
8-
-
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
EV (BR)
O
B
E0
=
C
I
,
A
u
1
=
E
I0
.
6-
-
V
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
o
t
c
e
l
l
o
CICBO
0
=
E
I
,
V
0
3
=
B
C
V-
-
5
1A
n
n
i
a
G
t
n
e
r
r
u
C
C
D
h
E
F
V
5
=
E
C
V
,
A
u
0
1
=
C
I-
0
4
1-
-
n
i
a
G
t
n
e
r
r
u
C
C
D
h
E
F
V
5
=
E
C
V
,
A
m
0
.
2
=
C
I0
1
10
8
10
2
2-
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
CV CE(SAT)
A
m
5
.
0
=
B
I
,
A
m
0
1
=
C
I
A
m
0
.
5
=
B
I
,
A
m
0
0
1
=
C
I
--
5
2
.
0
6
.
0
V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
e
s
a
BV BE(SAT)
A
m
5
.
0
=
B
I
,
A
m
0
1
=
C
I
A
m
0
.
5
=
B
I
,
A
m
0
0
1
=
C
I
-
7
.
0
9
.
0
-V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
e
s
a
BV BE(ON)
V
0
.
5
=
E
C
V
,
A
m
2
=
C
I
V
0
.
5
=
E
C
V
,
A
m
0
1
=
C
I
8
5
.
0
-
6
6
.
0
-
0
7
.
0
7
7
.
0
V
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
l
l
o
CC CBO
H
M
1
=
f
,
0
=
E
I
,
V
1
=
B
C
V-
-
5
.
4F
p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com