Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD640CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BD640CS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD640CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BD640CS Datasheet HTML 1Page - Pan Jit International Inc. BD640CS Datasheet HTML 2Page - Pan Jit International Inc. BD640CS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-APR.30.2009
1
BD640CS~BD6200CS
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.3- TYPICAL REVERSE CHARACTERISTIC
NO. OF CYCLE AT 60Hz
Fig.2-MAXIMUMNON-REPETITIVEPEAK
FORWARD SURGE CURRENT
110
100
0
15
30
45
60
75
90
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
FORWARD VOLTAGE, VOLTS
0.40
0.60
0.80
1.00
1.20
0.1
1.0
10
40-45V
50-60V
80-100V
150-200V
10.0
8.0
4.0
0
2..0
6.0
0
20
40
60
80
100
120
140
160
180
=40V
= 45-200V
CASE TEMPERATURE, C
O
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
.01
.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com